Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSPIN820 Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 21Page - STMicroelectronics STSPIN820 Datasheet HTML 22Page - STMicroelectronics STSPIN820 Datasheet HTML 23Page - STMicroelectronics STSPIN820 Datasheet HTML 24Page - STMicroelectronics STSPIN820 Datasheet HTML 25Page - STMicroelectronics STSPIN820 Datasheet HTML 26Page - STMicroelectronics STSPIN820 Datasheet HTML 27Page - STMicroelectronics STSPIN820 Datasheet HTML 28Page - STMicroelectronics STSPIN820 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Package information
STSPIN820
26/29
DocID031065 Rev 2
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
8.1
TFQFPN 4 x 4 x 1.05- 24L package information
Figure 15. TFQFPN 4 x 4 x 1.05- 24L package outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29