Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSPIN820 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STSPIN820
Description  Advanced 256 microsteps integrated motor driver with step-clock and direction interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN820 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STSPIN820 Datasheet HTML 16Page - STMicroelectronics STSPIN820 Datasheet HTML 17Page - STMicroelectronics STSPIN820 Datasheet HTML 18Page - STMicroelectronics STSPIN820 Datasheet HTML 19Page - STMicroelectronics STSPIN820 Datasheet HTML 20Page - STMicroelectronics STSPIN820 Datasheet HTML 21Page - STMicroelectronics STSPIN820 Datasheet HTML 22Page - STMicroelectronics STSPIN820 Datasheet HTML 23Page - STMicroelectronics STSPIN820 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Functional description
STSPIN820
20/29
DocID031065 Rev 2
But tcharge is normally very higher than tdischarge we can consider only the second one
contribution:
Where VDD is the pull-up voltage of the REN resistor.
Figure 9. Disable time versus REN and CEN values (VDD = 3.3 V)
tDIS REN CEN I
 n
V
DD REN
IPD  VRELEASE
–
–
V
DD REN
IPD  VIH
–
–
------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29