Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC48F3P0VTQ0 Fiches technique(PDF) 34 Page - Intel Corporation

No de pièce PC48F3P0VTQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 Fiches technique(HTML) 34 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 30Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 31Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 32Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 33Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 34Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 35Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 36Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 37Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 102 page
background image
1-Gbit P30 Family
April 2005
Intel StrataFlash® Embedded Memory (P30)
Datasheet
34
Order Number: 306666, Revision: 001
7.2
Capacitance
Table 15.
Capacitance
Symbol
Parameter
Signals
Min
Typ
Max
Unit
Condition
Note
CIN
Input Capacitance
Address, Data,
CE#, WE#, OE#,
RST#, CLK,
ADV#, WP#
26
7
pF
Typ temp = 25 °C,
Max temp = 85 °C,
VCC = VCCQ = (0 V - 1.95 V),
Discrete silicon die
1,2,3
COUT
Output Capacitance
Data, WAIT
2
4
5
pF
NOTES:
1.
Capacitance values are for a single die; for 2-die and 4-die stacks multiple the above values by the number of die in the
stack.
2.
Sampled, not 100% tested.
3.
Silicon die capacitance only, add 1 pF for discrete packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com