Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC48F3P0VTQ0 Fiches technique(PDF) 83 Page - Intel Corporation

No de pièce PC48F3P0VTQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 Fiches technique(HTML) 83 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 79Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 80Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 81Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 82Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 83Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 84Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 85Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 86Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
83
Notes:
1.
"Illegal commands" include commands outside of the allowed command set (allowed commands: 40H [pgm], 20H [erase],
etc.)
2.
If a "Read Array" is attempted from a busy partition, the result will be invalid data. The ID and Query data are located at
different locations in the address map.
3.
1st and 2nd cycles of "2 cycles write commands" must be given to the same partition address, or unexpected results will
occur.
4.
To protect memory contents against erroneous command sequences, there are specific instances in a multi-cycle
command sequence in which the second cycle will be ignored. For example, when the device is program suspended and
an erase setup command (0x20) is given followed by a confirm/resume command (0xD0), the second command will be
ignored because it is unclear whether the user intends to erase the block or resume the program operation.
Figure 39.
Write State Machine—Next State Table (Sheet 6 of 6)
OTP Busy
BP Busy,
Word Program
Busy,
Erase Busy,
BP Busy
BP Busy in Erase
Suspend
Word Pgm
Suspend,
Word Pgm Busy in
Erase Suspend,
Pgm Suspend In
Erase Suspend
BEFP Setup,
BEFP Pgm & Verify
Busy,
Erase Setup,
OTP Setup,
BP: Setup, Load 1,
Load 2, Confirm,
Word Pgm Setup,
Word Pgm Setup in
Erase Susp,
BP Setup, Load1,
Load 2, Confirm in
Erase Suspend
Current chip state
Ready,
Erase Suspend,
BP Suspend
Lock/CR Setup,
Lock/CR Setup in
Erase Susp
OTP
Setup
(4)
Lock
Block
Confirm
(8)
Lock-Down
Block
Confirm
(8)
Write CR
Confirm
(8)
Block Address
(?WA0)
Illegal Cmds or
BEFP Data
(1)
(C0H)
(01H)
(2FH)
(03H)
(FFFFH)
(all other codes)
WSM
Operation
Completes
Output does
not change.
Array
Read
Status Read
Array Read
Output does not
change.
Output does not change.
Status
Read
Status Read
Status Read
Command Input to Chip and resulting Output Mux Next State
Output Next State Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com