Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PC48F3P0VTQ0 Fiches technique(PDF) 91 Page - Intel Corporation

No de pièce PC48F3P0VTQ0
Description  Intel StrataFlash Embedded Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PC48F3P0VTQ0 Fiches technique(HTML) 91 Page - Intel Corporation

Back Button PC48F3P0VTQ0 Datasheet HTML 87Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 88Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 89Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 90Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 91Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 92Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 93Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 94Page - Intel Corporation PC48F3P0VTQ0 Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
1-Gbit P30 Family
Datasheet
Intel StrataFlash® Embedded Memory (P30)
April 2005
Order Number: 306666, Revision: 001
91
Figure 46.
Block Lock Operations Flowchart
No
Start
Write 0x60,
Block Address
Write 0x90
Read Block
Lock Status
Locking
Change?
Lock Change
Complete
Write either
0x01/0xD0/0x2F,
Block Address
Write 0xFF
Partition Address
Yes
Write
Write
Write
(Optional)
Read
(Optional)
Idle
Write
Lock
Setup
Lock,
Unlock, or
Lock-Down
Confirm
Read
Device ID
Block Lock
Status
None
Read
Array
Data = 0x60
Addr = Block to lock/unlock/lock-down
Data = 0x01 (Block Lock)
0xD0 (Block Unlock)
0x2F (Lock-Down Block)
Addr = Block to lock/unlock/lock-down
Data = 0x90
Addr = Block address + offset 2
Block Lock status data
Addr = Block address + offset 2
Confirm locking change on D[1,0].
Data = 0xFF
Addr = Block address
Bus
Operation
Command
Comments
LOCKING OPERATIONS PROCEDURE
(Lock Confirm)
(Read Device ID)
(Read Array)
(Lock Setup)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More