| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F913 Fiches technique(PDF) 98 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913 Fiches technique(HTML) 98 Page - Microchip Technology |
|
98 / 272 page ![]() PIC16F917/916/914/913 DS41250E-page 96 Preliminary © 2005 Microchip Technology Inc. FIGURE 8-4: COMPARATOR C1 OUTPUT BLOCK DIAGRAM FIGURE 8-5: COMPARATOR C2 OUTPUT BLOCK DIAGRAM D Q EN To C1OUT pin RD CMCON Set C1IF bit D Q EN CL NReset To Data Bus C1INV RD CMCON C2SYNC D Q EN To C2OUT pin RD CMCON Set C2IF bit D Q EN CL RD CMCON Reset To Data Bus C2INV D Q EN TMR1 Clock Source(1) 0 1 To TMR1 Note 1: Comparator 2 output is latched on falling edge of T1 clock source. |