Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F913 Fiches technique(PDF) 57 Page - Microchip Technology

No de pièce PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Fiches technique(HTML) 57 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 53Page - Microchip Technology PIC16F913 Datasheet HTML 54Page - Microchip Technology PIC16F913 Datasheet HTML 55Page - Microchip Technology PIC16F913 Datasheet HTML 56Page - Microchip Technology PIC16F913 Datasheet HTML 57Page - Microchip Technology PIC16F913 Datasheet HTML 58Page - Microchip Technology PIC16F913 Datasheet HTML 59Page - Microchip Technology PIC16F913 Datasheet HTML 60Page - Microchip Technology PIC16F913 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 55
PIC16F917/916/914/913
3.4.1.5
RC4/T1G/SDO/SEG11
Figure 3-18 shows the diagram for this pin. The
RC4//T1G/SDO/SEG11pin is configurable to function
as one of the following:
• a general purpose I/O
• a TMR1 gate input
• a serial data output
• an analog output for the LCD
FIGURE 3-18:
BLOCK DIAGRAM OF RC4/T1G/SDO/SEG11
SDO
PORT/SDO Select
RD PORTC
Data Bus
WR PORTC
WR TRISC
RC4/T1G/
RD TRISC
1
0
Q
D
Q
CK
Data Latch
VSS
VDD
Q
D
Q
CK
TRIS Latch
Schmitt
Trigger
SE11 and LCDEN
Timer1 Gate
SEG11
SE11 and LCDEN
Pin
SDO/SEG11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More