Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F913 Fiches technique(PDF) 59 Page - Microchip Technology

No de pièce PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Fiches technique(HTML) 59 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 55Page - Microchip Technology PIC16F913 Datasheet HTML 56Page - Microchip Technology PIC16F913 Datasheet HTML 57Page - Microchip Technology PIC16F913 Datasheet HTML 58Page - Microchip Technology PIC16F913 Datasheet HTML 59Page - Microchip Technology PIC16F913 Datasheet HTML 60Page - Microchip Technology PIC16F913 Datasheet HTML 61Page - Microchip Technology PIC16F913 Datasheet HTML 62Page - Microchip Technology PIC16F913 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 57
PIC16F917/916/914/913
3.4.1.7
RC6/TX/CK/SCK/SCL/SEG9
Figure 3-20 shows the diagram for this pin. The
RC6/TX/CK/SCK/SCL/SEG9 pin is configurable to
function as one of the following:
• a general purpose I/O
• an asynchronous serial output
• a synchronous clock I/O
• a SPI clock I/O
•an I2C data I/O
• an analog output for the LCD
FIGURE 3-20:
BLOCK DIAGRAM OF RC6/TX/CK/SCK/SCL/SEG9
TX/CK Data Out
I2C™ Data Out
RD PORTC
Data Bus
WR PORTC
WR TRISC
RC6/TX/
RD TRISC
3
1
Q
D
Q
CK
Data Latch
VSS
VDD
Q
D
Q
CK
TRIS Latch
Schmitt
Trigger
SE9 and LCDEN
CK/SCL/SCK Input
SEG9
SE9 and LCDEN
0
PORT/SCEN/SSP Mode Select(1)
SCEN or I2C™ Drive
Note 1:
If all three data output sources are enabled, the following priority order will be used:
• USART data
• SSP data
•PORT data
2
SCK Data Out
Pin
CK/SCK/
SCL/SEG9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More