Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WSE3099 Fiches technique(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

No de pièce WSE3099
Description  P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Site Internet  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSE3099 Fiches technique(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSE3099 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3099 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3099 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3099 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3099 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-30
---
---
V
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.02
---
V/℃
VGS=-10V , ID=-
5.0A
---
5
3
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-4.5V , ID=-
3.8A
---
m
Ω
VGS(th)
Gate Threshold Voltage
-1.0
-1.5
-2.
0
V
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =-250uA
---
4.32
---
mV/℃
VDS=-24V , VGS=0V , TJ=25℃
---
---
-1
IDSS
Drain-Source Leakage Current
VDS=-24V , VGS=0V , TJ=55℃
---
---
-5
uA
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-3A
---
5.5
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
24
48
Ω
Qg
Total Gate Charge (-4.5V)
---
11.6
---
Qgs
Gate-Source Charge
---
1.3
---
Qgd
Gate-Drain Charge
VDS=-
15V , VGS=-4.5V , ID=-5A
---
2.5
---
nC
Td(on)
Turn-On Delay Time
---
6
12
Tr
Rise Time
---
12
23
Td(off)
Turn-Off Delay Time
---
25
46
Tf
Fall Time
VDD=-15V
,VGEN=-10V,RG=3.3Ω
ID=-1A
,RL=15Ω
---
6
12
ns
Ciss
Input Capacitance
---
625
---
Coss
Output Capacitance
---
100
---
Crss
Reverse Transfer Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
60
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
EAS
Single Pulse Avalanche Energy
5
VDD=25V , L=0.1mH , IAS=6A
6
---
---
mJ
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,6
---
---
-
2.0
A
ISM
Pulsed Source Current
2,6
VG=VD=0V , Force Current
---
---
-
20
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=-
1.7A , TJ=25℃
---
---
-1
V
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
Guaranteed Avalanche Characteristics
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper,t<10sec.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=-25V,VGS=-10V,L=0.1mH,IAS=-
6A
4.The power dissipation is limited by 150℃ junction temperature
5.The Min. value is 100% EAS tested guarantee.
6.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
WSE3099
P-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
80
65
98



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com