Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WSE3099 Fiches technique(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

No de pièce WSE3099
Description  P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Site Internet  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSE3099 Fiches technique(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSE3099 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3099 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3099 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3099 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSE3099 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, -VGS @ -10V
1
-
5.0
A
ID@TC=100℃
Continuous Drain Current, -VGS @ -10V
1
-
4.0
A
IDM
Pulsed Drain Current
2
-
20
A
EAS
Single Pulse Avalanche Energy
3
18
mJ
IAS
Avalanche Current
8
A
PD@TC=25℃
Total Power Dissipation
4
1.8
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
62.5
/W
RθJC
Thermal Resistance Junction-Case
1
---
30
/W
BVDSS
RDSON
ID
-30V
53mΩ
-
5.0A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT
-89 Pin Configuration
Product Summery
The WSP3099 is the highest performance trench
P-Ch MOSFET with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The WSP3099 meet the RoHS and Green Product
requirement with full function reliability approved.
WSE3099
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014


Numéro de pièce similaire - WSE3099

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Guan Hua Wei Y...
WSE3098 WIINSOK-WSE3098 Datasheet
906Kb / 5P
N-Ch MOSFET
More results

Description similaire - WSE3099

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSF15P06 WIINSOK-WSF15P06 Datasheet
853Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com