| Moteur de recherche de fiches techniques de composants électroniques |
|
NTP53X2 Fiches technique(PDF) 65 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NTP53X2 Fiches technique(HTML) 65 Page - NXP Semiconductors |
|
65 / 133 page ![]() NXP Semiconductors NTP53x2 NTAG 5 link - NFC Forum-compliant I2C bridge NTP53x2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 3.3 — 3 July 2020 COMPANY PUBLIC 544533 65 / 133 Code ISO/IEC 15693 NFC Forum T5T Command name A2h Custom Not defined SET EAS (see Section 8.2.3.9.5) A3h Custom Not defined RESET EAS (see Section 8.2.3.9.6) A4h Custom Not defined LOCK EAS (see Section 8.2.3.9.7) A5h Custom Not defined EAS ALARM (see Section 8.2.3.9.8) A6h Custom Not defined PROTECT EAS/AFI (see Section 8.2.3.9.9) A7h Custom Not defined WRITE EAS ID (see Section 8.2.3.9.10) ABh Custom Not defined GET NXP SYSTEM INFORMATION (see Section 8.2.3.9.14) B2h Custom Not defined GET RANDOM NUMBER (see Section 8.2.3.3.1) B3h Custom Not defined SET PASSWORD (see Section 8.2.3.3.2) B3h Custom Not defined DISABLE NFC PRIVACY (see Section 8.2.3.3.10) B4h Custom Not defined WRITE PASSWORD (see Section 8.2.3.3.3) B5h Custom Not defined LOCK PASSWORD (see Section 8.2.3.3.4) B6h Custom Not defined PROTECT PAGE (see Section 8.2.3.3.6) B7h Custom Not defined LOCK PAGE PROTECTION CONDITION (see Section 8.2.3.3.7) B9h Custom Not defined DESTROY (see Section 8.2.3.3.8) BAh Custom Not defined ENABLE NFC PRIVACY (see Section 8.2.3.3.9) BBh Custom Not defined 64 BIT PASSWORD PROTECTION (see Section 8.2.3.3.5) BDh Custom Not defined READ SIGNATURE (see Section 8.2.3.7.1) C0h Custom Not defined READ CONFIGURATION (see Section 8.2.3.2.1) C1h Custom Not defined WRITE CONFIGURATION (see Section 8.2.3.2.2) C2h Custom Not defined PICK RANDOM UID (see Section 8.2.3.9.15) D2h Custom Not defined READ SRAM (see Section 8.2.3.6.1) D3h Custom Not defined WRITE SRAM (see Section 8.2.3.6.2) D4h Custom Not defined WRITE I2C (see Section 8.2.3.8.1) D5h Custom Not defined READ I2C (see Section 8.2.3.8.2) All command/responses are sent/received in the request/response format as defined in ISO/IEC 15693 and NFC Forum Type 5 Tag specification. 8.2.3.1 Commands for state transitions Following commands are implemented for all possible state transitions according to ISO/ IEC 15693. • INVENTORY • STAY QUIET • SELECT • RESET TO READY On top of these commands, NTAG 5 link offers • INVENTORY READ in extended mode (see Section 8.2.3.5.1) |