Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTP53X2 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Fiches technique(HTML) 2 Page - NXP Semiconductors

  NTP53X2 Datasheet HTML 1Page - NXP Semiconductors NTP53X2 Datasheet HTML 2Page - NXP Semiconductors NTP53X2 Datasheet HTML 3Page - NXP Semiconductors NTP53X2 Datasheet HTML 4Page - NXP Semiconductors NTP53X2 Datasheet HTML 5Page - NXP Semiconductors NTP53X2 Datasheet HTML 6Page - NXP Semiconductors NTP53X2 Datasheet HTML 7Page - NXP Semiconductors NTP53X2 Datasheet HTML 8Page - NXP Semiconductors NTP53X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
2 / 133
protection to 32-/64-bit password-protected read/write access or up to 128-bit-AES
mutual authentication protected read/write access.
The NTAG 5 link comes with pre-programmed proof-of-origin functionality to verify
authenticity. The ECC-based originality signature can be reprogrammed or locked by the
customer.
The NTAG 5 link can operate without a battery by drawing power from the NFC reader
instead. It supports energy harvesting, which means it can be used to supply power to
other components in the system. When sufficient energy is available, NTAG 5 link can
supply a fixed, configurable voltage level to ensure a stable overall system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More