| Moteur de recherche de fiches techniques de composants électroniques |
|
NTP53X2 Fiches technique(PDF) 62 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
NTP53X2 Fiches technique(HTML) 62 Page - NXP Semiconductors |
|
62 / 133 page ![]() NXP Semiconductors NTP53x2 NTAG 5 link - NFC Forum-compliant I2C bridge NTP53x2 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 3.3 — 3 July 2020 COMPANY PUBLIC 544533 62 / 133 8.2.2.2.4 Commands which stay in READY state NTAG 5 link stays in READY state when • receiving any other command where Select_Flag is not set 8.2.2.3 SELECTED state 8.2.2.3.1 Transitions between SELECTED and READY state Transition from SELECTED to READY state is done by • receiving a RESET TO READY command where Select_Flag is set • receiving a SELECT command with a different UID 8.2.2.3.2 Transitions between SELECTED and QUIET state Transition from SELECTED to QUIET state is done when • receiving a STAY QUIET command with a matching UID 8.2.2.3.3 Transitions between SELECTED and SELECTED SECURE state Transition from SELECTED to SELECTED SECURE state is done by • mutual authentication with AUTHENTICATE command with Select_Flag set was successful 8.2.2.3.4 Transitions between SELECTED and NFC PRIVACY mode Transition from SELECTED to NFC PRIVACY mode is done by • receiving an ENABLE NFC PRIVACY command 8.2.2.3.5 Commands which stay in SELECTED state NTAG 5 link stays in SELECTED state when • receiving any other command where Select_Flag is set 8.2.2.4 SELECTED SECURE state 8.2.2.4.1 Transitions between SELECTED SECURE and READY state Transition from SELECTED SECURE to READY state is done by • receiving a RESET_TO_READY command where Select_Flag is set • receiving a SELECT command with a different UID • receiving a CHALLENGE command • receiving a new AUTHENTICATE command 8.2.2.4.2 Transitions between SELECTED SECURE and QUIET state Transition from SELECTED to QUIET state is done when • receiving a STAY QUIET command with a matching UID 8.2.2.4.3 Transitions between SELECTED SECURE and SELECTED state Transition from SELECTED to SELECTED SECURE state is done by |