| Moteur de recherche de fiches techniques de composants électroniques |
|
TESEO-LIV3F Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TESEO-LIV3F Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 37 page ![]() DS12152 Rev 7 31/37 Teseo-LIV3F Shipping information 35 Figure 8. PB band 17.2 Packing cartons for reels To avoid damage each Teseo-LIV3F reel has a dedicated carton box of 340 x 340 x 38 mm. 17.3 ESD handling precautions Teseo-LIV3F module is Electrostatic Sensitive Devices (ESD). Observe precautions for handling! Failure to observe these precautions can result in severe damage to the GNSS receiver. GNSS receivers are Electrostatic Sensitive Devices (ESD) and require special precautions when handling. Particular care must be exercised when handling patch antennas, due to the risk of electrostatic charges. 17.4 Moisture sensitivity levels The Moisture Sensitivity Level (MSL) relates to the packaging and handling precautions required. Teseo-LIV3F modules are rated at MSL level 3 (three). |