| Moteur de recherche de fiches techniques de composants électroniques |
|
TESEO-LIV3F Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TESEO-LIV3F Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 37 page ![]() DS12152 Rev 7 23/37 Teseo-LIV3F Geofencing 35 12 Geofencing Geofence feature allows the Teseo-LIV3F receiver to raise an autonomous NMEA message when the resolved GNSS position is close to a specific circle, entering or exiting from a circle. Teseo-LIV3F receiver supports at least 8 circular areas where 4 circular areas are configurable in the firmware. Geofencing alarm can be notified over proprietary NMEA message. Geofencing can be configured and enabled in the firmware configurator or using the specific geofencing configuration command. Detailed information is available on Teseo-LIV3F software user manual. |