Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS-AVT-RKBB2 Fiches technique(PDF) 1 Page - PANDUIT CORP.

No de pièce VS-AVT-RKBB2
Description  VeriSafe??Absence of Voltage Tester The Safe Way to Verify the Absence of Voltage.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

VS-AVT-RKBB2 Fiches technique(HTML) 1 Page - PANDUIT CORP.

  VS-AVT-RKBB2 Datasheet HTML 1Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 2Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 3Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 4Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 5Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 6Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 7Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Key Features
Benefits
Improved Safety & Risk Reduction
Determine voltage status BEFORE equipment is accessed
Prevents direct exposure to electrical hazards
Increased Productivity
Easy to use, initiate test with the push of a button
No additional tools required
Provides visual alert to abnormal power conditions
Simplified Process for Easier Compliance Test sequence based on the steps in NFPA 70E for verification of an electrically safe
work condition
Automated test helps reduce operator errors
Reliable Results
Fail-safe design with active indications
Safety functions meet SIL 3 per IEC 61508-1
Flexible Applications
Designed for testing three-phase circuits up to 600V
Install on line or load side of electrical disconnect
Detects absence of AC and DC voltage
When servicing electrical equipment, workers must
comply with safety regulations that require a voltage
verification test to validate the absence of voltage.
This process includes a number of stages that can
be complex and time-consuming when using
hand-held portable test instruments.
The patent-pending VeriSafe™ Absence of Voltage
Tester from Panduit simplifies this process by
automating the voltage verification process.
Once installed, a simple push of a button enables qualified electrical workers to verify the absence of voltage
and see an active indication when the absence of voltage is confirmed. This provides a new and innovative way
to safely, reliably, and efficiently verify the absence of voltage before accessing potentially dangerous electrical
equipment.
By automating this process, the VeriSafe™ Absence of Voltage Tester
• Reduces the risk of exposure of electrical hazards for improved worker safety
• Reduces testing procedure time and complexity to improve productivity
• Supports compliance when used as part of the lockout/tagout process
described in NFPA 70E
*
The VeriSafe™ Absence of Voltage Tester minimizes risk by verifying the absence of voltage before equipment
is accessed, making it easier for qualified electrical workers to determine an electrically safe environment in a
fraction of the time compared to hand-held portable test instruments.
VeriSafe™ Absence of Voltage Tester
The Safe Way to Verify the
Absence of Voltage.
Product Bulletin
*The VeriSafe Absence of Voltage Tester satisfies the requirements for permanently mounted test devices described in
NFPA 70E-2018 120.5 (7) Exception 1 when it is installed in accordance with the ratings and instructions in the VeriSafe
AVT Installation Manual.


Numéro de pièce similaire - VS-AVT-RKBB2

FabricantNo de pièceFiches techniqueDescription
logo
PANDUIT CORP.
VS-AVT-RKBB2 PANDUIT-VS-AVT-RKBB2 Datasheet
2Mb / 8P
VeriSafe Absence of Voltage Tester The Safe Way to Verify the Absence of Voltage.
6/2017
More results

Description similaire - VS-AVT-RKBB2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC68HLC908LJ12 FREESCALE-MC68HLC908LJ12 Datasheet
636Kb / 16P
low-voltage version of the MC68HC908LJ12
logo
STMicroelectronics
AN4443 STMICROELECTRONICS-AN4443 Datasheet
97Kb / 3P
Fail-safe feature of the RHFLVDS32A and RHFLVDSR2D2
28-Feb-2014
AN1889 STMICROELECTRONICS-AN1889 Datasheet
467Kb / 33P
The need to choose a high value of the fly-back voltage
13-Aug-2007
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
logo
Zilog, Inc.
Z8ENCORE000ZAC ZILOG-Z8ENCORE000ZAC Datasheet
814Kb / 6P
The voltage and current requirements of the Z8 Encore
logo
Littelfuse
PGR-3100 LITTELFUSE-PGR-3100 Datasheet
2Mb / 1P
The PGR-3100 indicates the presence of voltage
SE-100T LITTELFUSE-SE-100T Datasheet
269Kb / 1P
The tester injects current through the window of installed
logo
List of Unclassifed Man...
88950303 ETC2-88950303 Datasheet
117Kb / 2P
The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
88950304 ETC2-88950304 Datasheet
117Kb / 2P
The LED continuously signals the presence of voltage at the output and, when flashing, triggering of the self-protection
logo
Hotchip Technology Co.,...
HT2535S HOTCHIP-HT2535S Datasheet
1Mb / 10P
Total voltage input within the range of 5 % of total voltage input.
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com