Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS-AVT-RKBB2 Fiches technique(PDF) 4 Page - PANDUIT CORP.

No de pièce VS-AVT-RKBB2
Description  VeriSafe??Absence of Voltage Tester The Safe Way to Verify the Absence of Voltage.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

VS-AVT-RKBB2 Fiches technique(HTML) 4 Page - PANDUIT CORP.

  VS-AVT-RKBB2 Datasheet HTML 1Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 2Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 3Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 4Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 5Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 6Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 7Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VeriSafe™ Absence of Voltage Tester
4
Indicator Module
• 30mm knockout, mount on exterior of enclosure
• Operate and maintain without exposure to electrical hazards
• Instruction label with operating instructions
AVT System Cable
• Connects Isolation Module to Indicator Module
• 600V cable available in multiple lengths for easy
installation
• Replaceable with connectors on each end
Isolation Module
• Prevents hazardous voltage from reaching door
• Universal mounting (DIN rail or surface tabs)
• Output contacts provide ability to create alarms or
communicate with other systems
Sensor Leads
• Can be installed on line or load side of electrical disconnect
• 2 leads per phase; must be physically separated from each other
Simple Battery Replacement
• Long-life industrial battery
• Replaceable from outside the enclosure
• Interior battery compartment is fingersafe (IP20)
• No tools required
System Components
2
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com