Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS-AVT-RKBB2 Fiches technique(PDF) 8 Page - PANDUIT CORP.

No de pièce VS-AVT-RKBB2
Description  VeriSafe??Absence of Voltage Tester The Safe Way to Verify the Absence of Voltage.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

VS-AVT-RKBB2 Fiches technique(HTML) 8 Page - PANDUIT CORP.

  VS-AVT-RKBB2 Datasheet HTML 1Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 2Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 3Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 4Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 5Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 6Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 7Page - PANDUIT CORP. VS-AVT-RKBB2 Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Voltage Verification System
Part Number
Part Description
VeriSafe™ Absence of Voltage Testers
VS-AVT-C02-L03
VeriSafe™ Absence of Voltage Tester with 2 ft. system cable, 3 ft. sensor leads.
VS-AVT-C02-L10
VeriSafe™ Absence of Voltage Tester with 2 ft. system cable, 10 ft. sensor leads.
VS-AVT-C08-L10
VeriSafe™ Absence of Voltage Tester with 8 ft. system cable, 10 ft. sensor leads.
Accessories
VS-AVT-CABLE-02
VeriSafe™ Replacement Cable, 2 ft.
VS-AVT-CABLE-08
VeriSafe™ Replacement Cable, 8 ft.
Sensor Lead Connection Kits
VS-CKBB8-4
VeriSafe Connection Kit for Tapping 8 to 4 AWG conductors.
VS-CKBB6-2
VeriSafe Connection Kit for Tapping 6 to 2 AWG conductors.
VS-CKBB2-00
VeriSafe Connection Kit for Tapping 2 to 2/0 AWG conductors.
Equipment Retrofit Kits
VS-AVT-RKBB2
Complete kit to retrofit equipment with VeriSafe Absence of Voltage Tester. Includes AVT device with 10ft. sensor leads, 2ft. and 8ft. system
cable, Connection Kit 8-4AWG power connectors, (12) cable ties, (6) cable ties mounts, (1) wire markers.
VS-AVT-RKBB3
Complete kit to retrofit equipment with VeriSafe Absence of Voltage Tester. Includes AVT device with 10ft. sensor leads, 2ft. and 8ft. system
cable, Connection Kit 6-2AWG power connectors, (12) cable ties, (6) cable ties mounts, (1) wire markers.
VS-AVT-RKBB4
Complete kit to retrofit equipment with VeriSafe Absence of Voltage Tester. Includes AVT device with 10ft. sensor leads, 2ft. and 8ft. system
cable, Connection Kit 2-2/0AWG power connectors, (12) cable ties, (6) cable ties mounts, (1) wire markers.
Ordering Information
Applications
Electrical System
For use in 1 and 3-phase AC systems
Voltage Detection Range
Up to 600V AC (50/60Hz), 600V DC; Rated tolerance +10%
Absence of Voltage Threshold
3 V
Overvoltage Category
III (600 V)
Degree of Protection*
Indicator Module: For Flat Surface Mounting in a TYPE (UL, NEMA and CSA) 1, 12, 4, 4X, or IP66 Enclosure
Isolation Module: Open Type, IP20
Environment
Operating Temperature
0°C to + 60°C (32°F to 140°F)
Storage Temperature
-45°C to + 85°C (-49°F to +185°F)
Humidity
5 to 90% non-condensing; Rated 80% at 40°C, decreasing linearly to 50% at 60°C
Pollution Degree
3
Altitude
Up to 2000 meters (1.24 miles)
Battery
Type
Industrial 3.6V Lithium AA, see table in Maintenance section of installation guide for compatible batteries.
Standards
UL 1436
Standard for outlet circuit testers and similar indicating devices
CAN/CSA-C22.2 No. 160
Voltage and Polarity Testers
IEC / UL / CSA C22.2 No. 61010-1
Safety requirements for electrical equipment for measurement, control, and laboratory use – Part 1: General Requirements
IEC / UL / CSA C22.2 No. 61010-2-030 Safety requirements for electrical equipment for measurement, control, and laboratory use – Part 2-030: Particular
requirements for testing and measuring circuits
UL 508 & CSA-C22.2 No. 14
Industrial control equipment
IEC 61508-1, -2, and -3 {SIL 3 Rating} Safety of Electrical/Electronic/programmable Electronic safety-related security systems –
Part 1 General Requirements
Part 2 Requirements for Electrical / Electronic / Programmable safety related systems
Part 3 Software Requirements
FCC - CFR 47 Part 15 Subpart B
Radio frequency devices
IEC 61326-1, -3-1, -3-1: corr 1
EN 61326-1, -3-1
Electrical equipment for measurement, control and laboratory use-EMC requirements - Part 1
Part 3-1: Immunity requirements for safety-related systems and for equipment intended to perform safety-related functions
(functional safety) - General industrial applications including corrigendum 1
EN 55011, CISPR 11
Industrial, scientific and medical equipment - Radio-frequency disturbance characteristics - Limits and methods of measurement
IEC / EN61000-3-2
IEC / EN61000-3-3
Electromagnetic compatibility (EMC) - Part 3-2: Limits — Limits for harmonic current emissions (equipment input current ≤ 16 A
per phase)
EN 61000-6-2
Electromagnetic compatibility (EMC) - Part 6-2: Generic standards - Immunity for industrial environments
AS/NZS CISPR 11
Australian / New Zealand Standard - Industrial, scientific and medical equipment—Radio-frequency disturbance characteristics—
Limits and methods of measurement
CAN - ICES-001
Industrial, Scientific and Medical (ISM) radio frequency generators.
CE
Conformity Marking for European Economic Area
RoHS
Restriction of hazardous substances
*Degree of protection specified is related to the Indicator Module only. To meet the TYPE (UL, NEMA and CSA) 1, 12, 4 or 4X requirements, mount on a flat surface of an enclosure meeting the
appropriate UL TYPE or NEMA rating. Verify that the seal and o-rings are clean to ensure proper sealing.
Technical Specifications



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com