| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT7250 Fiches technique(PDF) 439 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Fiches technique(HTML) 439 Page - Exar Corporation |
|
439 / 463 page ![]() XRT7250 áç áç áç áç DS3/E3 FRAMER IC REV. 1.1.1 420 TABLE 90: THE RELATIONSHIP BETWEEN THE NUMBER OF RXOHENABLE OUTPUT PULSES (SINCE RXOHFRAME WAS LAST SAMPLED "HIGH") TO THE E3 OVERHEAD BIT, THAT IS BEING OUTPUT VIA THE RXOH OUTPUT PIN NUMBER OF RXOHENABLE OUTPUT PULSES THE OVERHEAD BIT BEING OUTPUT BY THE XRT7250 0 (Clock edge is coincident with RxOHFrame being detected “High”) FA1 Byte - Bit 7 1 FA1 Byte - Bit 6 2 FA1 Byte - Bit 5 3 FA1 Byte - Bit 4 4 FA1 Byte - Bit 3 5 FA1 Byte - Bit 2 6 FA1 Byte - Bit 1 7 FA1 Byte - Bit 0 8 FA2 Byte - Bit 7 9 FA2 Byte - Bit 6 10 FA2 Byte - Bit 5 11 FA2 Byte - Bit 4 12 FA2 Byte - Bit 3 13 FA2 Byte - Bit 2 14 FA2 Byte - Bit 1 15 FA2 Byte - Bit 0 16 EM Byte - Bit 7 17 EM Byte - Bit 6 18 EM Byte - Bit 5 19 EM Byte - Bit 4 20 EM Byte - Bit 3 21 EM Byte - Bit 2 22 EM Byte - Bit 1 23 EM Byte - Bit 0 24 TR Byte - Bit 7 25 TR Byte - Bit 6 26 TR Byte - Bit 5 27 TR Byte - Bit 4 28 TR Byte - Bit 3 29 TR Byte - Bit 2 |