Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT7250 Fiches technique(PDF) 331 Page - Exar Corporation

No de pièce XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Fiches technique(HTML) 331 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 327Page - Exar Corporation XRT7250 Datasheet HTML 328Page - Exar Corporation XRT7250 Datasheet HTML 329Page - Exar Corporation XRT7250 Datasheet HTML 330Page - Exar Corporation XRT7250 Datasheet HTML 331Page - Exar Corporation XRT7250 Datasheet HTML 332Page - Exar Corporation XRT7250 Datasheet HTML 333Page - Exar Corporation XRT7250 Datasheet HTML 334Page - Exar Corporation XRT7250 Datasheet HTML 335Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
312
Method 2 - Using RxOutClk and the RxOHEnable
signals
Method 1 requires that the Terminal Equipment be
able to handle an additional clock signal, RxOHClk.
However, there may be a situation in which the Termi-
nal Equipment circuitry does not have the means to
deal with this extra clock signal, in order to use the
Receive Overhead Data Output Interface. Method 2
involves the use of the following signals.
• RxOH
• RxOutClk
• RxOHEnable
• RxOHFrame
Each of these signals are listed and described below
in Table 65.
FIGURE 146. ILLUSTRATION OF THE SIGNALS THAT ARE OUTPUT VIA THE RECEIVE OVERHEAD OUTPUT INTERFACE
(FOR METHOD 1).
RxOHClk
RxOHFrame
RxOH
FAS, Bit 9
FAS, Bit 8
FAS, Bit 7
FAS, Bit 6
FAS, Bit 5
Terminal Equipment should sample
the “RxOHFrame” and “RxOH” signals
here.
Recommended Sampling Edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More