| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT7250 Fiches technique(PDF) 320 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Fiches technique(HTML) 320 Page - Exar Corporation |
|
320 / 463 page ![]() áç áç áç áç XRT7250 DS3/E3 FRAMER IC REV. 1.1.1 301 In additional to the FEBE bit-field signaling, the Re- ceive E3 Framer block will generate the BIP-4 Error Interrupt to the Microprocessor. Hence, it will set bit 2 (BIP-8 Error Interrupt Status) to “1”, as depicted be- low. FIGURE 140. ILLUSTRATION OF THE LOCAL RECEIVE E3 FRAMER BLOCK, RECEIVING AN E3 FRAME (FROM THE REMOTE TERMINAL) WITH AN INCORRECT BIP-4 VALUE. Transmit E3 Framer Receive E3 Framer Local Terminal Remote Terminal BIP-4 Nibble Locally Calculated BIP-4 Nibble 0xA 0xB FIGURE 141. ILLUSTRATION OF THE LOCAL RECEIVE E3 FRAMER BLOCK, TRANSMITTING AN E3 FRAME (TO THE REMOTE TERMINAL) WITH THE “A” BIT-FIELD SET TO “1” Transmit E3 Framer Receive E3 Framer Local Terminal Remote Terminal A Bit Value = 1 |