Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

XRT7250 Fiches technique(PDF) 307 Page - Exar Corporation

No de pièce XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Fiches technique(HTML) 307 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 303Page - Exar Corporation XRT7250 Datasheet HTML 304Page - Exar Corporation XRT7250 Datasheet HTML 305Page - Exar Corporation XRT7250 Datasheet HTML 306Page - Exar Corporation XRT7250 Datasheet HTML 307Page - Exar Corporation XRT7250 Datasheet HTML 308Page - Exar Corporation XRT7250 Datasheet HTML 309Page - Exar Corporation XRT7250 Datasheet HTML 310Page - Exar Corporation XRT7250 Datasheet HTML 311Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
288
Table 60 depicts the relationship between the value of
this bit-field to the sampling clock edge of RxLineClk.
Figure 133 and Figure 134 present the Waveform and
Timing Relationships between RxLineClk, RxPOS
and RxNEG for each of these configurations.
II/O CONTROL REGISTER (ADDRESS = 0X01)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1BIT 0
Disable
TxLOC
LOC
Disable
RxLOC
AMI/ZeroSup*
Unipolar/
Bipolar*
TxLine CLK
Invert
RxLine CLK
Invert
Reframe
R/W
RO
R/W
R/W
R/W
R/W
R/W
R/W
10
100
0
00
TABLE 60: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (RXLINECLK INV) OF THE I/O CONTROL REGISTER,
AND THE SAMPLING EDGE OF THE
RXLINECLK SIGNAL
RXCLKINV
(BIT 1)
RESULT
0
.Rising Edge:
RxPOS and RxNEG are sampled at the rising edge of RxLineClk. See Figure 133 for timing relationship
between RxLineClk, RxPOS, and RxNEG.
1
Falling Edge:
RxPOS and RxNEG are sampled at the falling edge of RxLineClk. See Figure 134 for timing relationship
between RxLineClk, RxPOS, and RxNEG.
FIGURE 133. WAVEFORM/TIMING RELATIONSHIP BETWEEN RXLINECLK, RXPOS AND RXNEG - WHEN RXPOS AND
RXNEG ARE TO BE SAMPLED ON THE RISING EDGE OF RXLINECLK
RxLineClk
RxPOS
RxNEG
t38
t39
t42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More