| Moteur de recherche de fiches techniques de composants électroniques |
|
XRT7250 Fiches technique(PDF) 206 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 Fiches technique(HTML) 206 Page - Exar Corporation |
|
206 / 463 page ![]() áç áç áç áç DS3/E3 FRAMER IC XRT7250 REV. 1.1.1 187 Table 36 depicts the relationship between the value of this bit-field to the sampling clock edge of RxLineClk. Figure 78 and Figure 79 present the Waveform and Timing Relationships between RxLineClk, RxPOS and RxNEG for each of these configurations. II/O CONTROL REGISTER (ADDRESS = 0X01) BIT 7BIT 6BIT 5BIT 4BIT 3BIT2 BIT 1BIT 0 Disable TxLOC LOC Disable RxLOC AMI/ZeroSup* Unipolar/ Bipolar* TxLine CLK Invert RxLine CLK Invert Reframe R/W RO R/W R/W R/W R/W R/W R/W 1 0100 0 00 TABLE 36: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (RXLINECLK INV) OF THE I/O CONTROL REGISTER, AND THE SAMPLING EDGE OF THE RXLINECLK SIGNAL RXCLKINV (BIT 1) RESULT 0 Rising Edge: RxPOS and RxNEG are sampled at the rising edge of RxLineClk. See Figure 78 for timing relationship between RxLineClk, RxPOS, and RxNEG. 1 Falling Edge: RxPOS and RxNEG are sampled at the falling edge of RxLineClk. See Figure 79 for timing relationship between RxLineClk, RxPOS, and RxNEG. FIGURE 78. WAVEFORM/TIMING RELATIONSHIP BETWEEN RXLINECLK, RXPOS AND RXNEG - WHEN RXPOS AND RXNEG ARE TO BE SAMPLED ON THE RISING EDGE OF RXLINECLK RxLineClk RxPOS RxNEG t38 t39 t42 |