| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5047U-HTST Fiches technique(PDF) 41 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5047U-HTST Fiches technique(HTML) 41 Page - ams AG |
|
41 / 51 page ![]() ams Datasheet Page 41 [v1-00] 2018-Oct-30 Document Feedback AS5047U − Application Information Figure 58: OTP Memory Burn and Verification Flowchart Note(s): 1. Device with wrong programming must not be used. Scrapping mandatory. PASS START Write Reg(0x0015) Reg(0x0018) Reg(0x0019) Reg(0x001A) Set magnet to the zero position Write Reg(0x0017(5:0))=Reg(0x3FFF(5:0)) Reg(0x0016(7:0))=Reg(0x3FFF(13:6)) Read Reg(0x0015) Reg(0x0016) Reg(0x0017) Reg(0x0018) Reg(0x0019) Reg(0x001A) Reg(0x001B) Write Reg(0x0015)=0x00 Reg(0x0016)=0x00 Reg(0x0017)=0x00 Reg(0x0018)=0x00 Reg(0x0019)=0x00 Reg(0x001A)=0x00 Reg(0x001B)=0x00 Power-on Reset Read Reg(0x0015) Reg(0x0016) Reg(0x0017) Reg(0x0018) Reg(0x0016) Write Reg(0x0003)=0x40 Verify 3 PASS Read ANGLECOM Write Angle into ZPOSL and ZPOSM Read Reg(0x3FFF) Read Registers step 1 (DISABLE,SETTINGS1, SETTINGS2, SETTINGS3, ZPOSM, ZPOSL and ECC) Comparison of written content (DISABLE,SETTINGS1, SETTINGS2, SETTINGS3, ZPOSM, ZPOSL and ECC) with Read Register step 1 read content Unlock OTP area for burning (PROGEN=1) Read OTP_CTRL Set Guardband Refresh memory with OTP content Read Register step 2 Comparison of written content (DISABLE,SETTINGS1, SETTINGS2, SETTINGS3, ZPOSM, ZPOSL and ECC) with content of Read Register step 2. Mandatory Guardband-Test Read Register step 3 Verify 1 Clear memory Start OTP burning procedure (PROGOTP=1) Power on cycle Write DISABLE,SETTINGS1, SETTINGS2 and SETTINGS3 register Turn magnet to the prospective Zero Position Write Reg(0x0003)=0x01 Write Reg(0x0003)=0x08 Read Reg(0x0003) Reg(0x0003)==0x01 FAIL OTP burning procedure complete if Reg(0x0003)==0x01 Write Reg(0x0003)=0x04 Read Reg(0x0015) Reg(0x0016) Reg(0x0017) Reg(0x0018) Reg(0x0019) Reg(0x001A) Reg(0x001B) FAIL Verify 4 Comparison of written content (DISABLE,SETTINGS1, SETTINGS2, SETTINGS3, ZPOSM, ZPOSL and ECC) with content of Read Register step 3 FAIL PASS FAIL END END Correct programming and verification. Wrong programming. Reprogramming not allowed! Read Reg(0x3FD0) Write Reg(0x001B) Read Reg(0x0015) Reg(0x0016) Reg(0x0017) Reg(0x0018) Reg(0x0019) Reg(0x001A) Read Reg(0x0015) to Reg(0x001A) Read ECC Value Write ECC (do not overwrite ECC-en) Write Reg(0x001B)=0x80 Write ECC_EN |