Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5047U-HTST Fiches technique(PDF) 16 Page - ams AG

No de pièce AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Fiches technique(HTML) 16 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 12Page - ams AG AS5047U-HTST Datasheet HTML 13Page - ams AG AS5047U-HTST Datasheet HTML 14Page - ams AG AS5047U-HTST Datasheet HTML 15Page - ams AG AS5047U-HTST Datasheet HTML 16Page - ams AG AS5047U-HTST Datasheet HTML 17Page - ams AG AS5047U-HTST Datasheet HTML 18Page - ams AG AS5047U-HTST Datasheet HTML 19Page - ams AG AS5047U-HTST Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Page 16
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
SPI Interface (Slave)
The SPI interface shall connected to a host microcontroller
(master) to read or write the volatile memory as well as to
program the non-volatile OTP registers.
The AS5047U SPI only supports slave operation mode. It
communicates at clock rates up to 10 MHz.
The AS5047U SPI uses mode=1 (CPOL=0, CPHA=1) to exchange
data. As shown in Figure 18, a data transfer starts with the
falling edge of CSn (CLK is low). The AS5047U samples MOSI
data on the falling edge of CLK. SPI commands are executed at
the end of the frame (rising edge of CSn). The bit order is MSB
first.
A CRC is protecting the SPI Data.
SPI Timing
The AS5047U SPI timing is shown in Figure 18.
Figure 18:
SPI Timing Diagram
CSn
(Input)
CLK
(Input)
MOSI
(Input)
MISO
(Output)
tclk
tL
tMOSI
tMISO
tOZ
tOZ
tH
tCSn
tclkL
tclkH
Data[23]
Data[23]
Data[22]
Data[22]
Data[0]
Data[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51