Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5047U-HTST Fiches technique(PDF) 18 Page - ams AG

No de pièce AS5047U-HTST
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5047U-HTST Fiches technique(HTML) 18 Page - ams AG

Back Button AS5047U-HTST Datasheet HTML 14Page - ams AG AS5047U-HTST Datasheet HTML 15Page - ams AG AS5047U-HTST Datasheet HTML 16Page - ams AG AS5047U-HTST Datasheet HTML 17Page - ams AG AS5047U-HTST Datasheet HTML 18Page - ams AG AS5047U-HTST Datasheet HTML 19Page - ams AG AS5047U-HTST Datasheet HTML 20Page - ams AG AS5047U-HTST Datasheet HTML 21Page - ams AG AS5047U-HTST Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Page 18
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
SPI Transaction
AS5047U provides two different SPI transactions
• 16-bit SPI frame without CRC (for high throughput)
• 24-bit SPI frames with CRC
• 32-bit SPI frames with CRC. The 32-bit SPI frames includes
8-bit PAD word.
For high-throughput requirements, the AS5047U can handle
16-bit frames for read operations. This allows reading more than
400000 angle positions per second.
Figure 20:
16-Bit SPI Frame
Figure 21:
16-Bit Command Frame
Bit
Name
Description
15
0
Do not Care
14
R
1: Read
13:0
ADDR[13:0]
Address
ER
RDATA[13:0]
LSB
MSB
ADDR[13:0]
LSB
MSB
15
13
CSn
MOSI
MISO
0
15
13
0
R
0
14
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51