| Moteur de recherche de fiches techniques de composants électroniques |
|
STV8237 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8237 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 149 page ![]() S/PDIF Input/Output STV82x7 42/149 7 S/PDIF Input/Output An S/PDIF output is available for connection with an external decoder/amplifier. An internal multiplexer allows selection of either the internal signal or the external signal connected on the SPDIF input (for example, the signal provided by the external MPEG audio / Dolby Digital decoder). The outputted internal signal can be selected from: ● L/R ● C/Sub ● HP or Surround ● SCART. A mute facility is also provided on the SPDIF output. |