| Moteur de recherche de fiches techniques de composants électroniques |
|
STV8237 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV8237 Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 149 page ![]() General Description STV82x7 8/149 1.1 STV82x7 Overview 1.1.1 Core Features ● Single audio source processing: — IF source and/or analog stereo input (SCART) — one digital source with a maximum of 6 synchronous channels (5.1 is obtained across three I²S) ● SIF input signal with Automatic Gain Control (AGC) ● Digital Demodulator with automatic standard detection and demodulation for AM, FM mono, FM 2 carriers (German or Korean FM 2-carrier) and NICAM ● Audio processor working at 32 kHz, 44.1 kHz or 48 kHz with specific features: — For Loudspeakers (L, R, LS, RS, SubW, C): Dolby ® Pro Logic II ® Decoder with Bass Management SRS ® WOW™ or TruSurround XT™ including Virtual Dolby® Surround and Virtual Dolby® Digital ST WideSurround ST OmniSurround ST Dynamic Bass 5-band Equalizer or Bass-Treble Loudness Smart Volume Control Volume/Balance/Soft-mute Beeper Video Processing Delay Compensation — For Headphone: SRS ® TruBass™ Smart Volume Control Bass-Treble Loudness Volume/Balance/Soft-mute Beeper Video Processing Delay Compensation ● Shared outputs for headphone and loudspeakers (surround channels); ● Analog matrix with: — five external inputs: four SCART inputs (2 VRMS capable) one analog mono input (0.5 VRMS) — one internal input from a digital matrix via a DAC — three external outputs (2 VRMS capable) — one internal output for the digital matrix (using an internal ADC) ● Digital matrix with: — three input modes (Demodulator/SCART, SCART only and I²S) — three stereo outputs (Loudspeakers, Headphone and SCART) ● High-end audio DAC ● S/PDIF output for connection with an external amplifier/decoder ● Internal multiplexer for the S/PDIF output (to share the internal S/PDIF output and the S/PDIF output generated by the external decoder of the digital broadcast) |