Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STV8237 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STV8237
Description  Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8237 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STV8237 Datasheet HTML 8Page - STMicroelectronics STV8237 Datasheet HTML 9Page - STMicroelectronics STV8237 Datasheet HTML 10Page - STMicroelectronics STV8237 Datasheet HTML 11Page - STMicroelectronics STV8237 Datasheet HTML 12Page - STMicroelectronics STV8237 Datasheet HTML 13Page - STMicroelectronics STV8237 Datasheet HTML 14Page - STMicroelectronics STV8237 Datasheet HTML 15Page - STMicroelectronics STV8237 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 149 page
background image
General Description
STV82x7
12/149
Figure 4: STV8257 Typical Application (Digital: Virtual Sound)
Figure 5: STV8277 Typical Application (Digital TV: Multi-Channel and Virtual Sound)
or
Tuner
STV8257
Multistandard Demodulation
Audio Processing
- Volume, Balance, 5-Band Equalizer
- SRS
® TruSurround XT™
- Virtual Dolby
® Surround1
Multi-Channel Digital Decoder
Left Right
I²S
- FM 2-carrier and NICAM
S/PDIF Pass-thru
- Virtual Dolby
® Digital2
R
SubW
L
(Dolby
® Digital)
- ST OmniSurround
1. When using VDS with ST OmniSurround or SRS TruSurround XTTM, a Pro Logic
® decoder is mandatory.
2. When using VDD with ST OmniSurround or SRS TruSurround XTTM, a Dolby
® Digital decoder is mandatory.
or
Tuner
STV8277
Multistandard Demodulation
Audio Processing
- Volume, Balance, 5-Band Equalizer
Left Right
S/PDIF Pass-thru
I²S
- FM 2-carrier and NICAM
- Dolby
® Pro Logic II®
- 5.1 Analog Outputs
R
SubW
L
C
LS
RS
- SRS
® TruSurround XT™
- Virtual Dolby
® Surround1
- Virtual Dolby
® Digital2
Multi-Channel Digital Decoder
(Dolby
® Digital)
1. When using VDS with ST OmniSurround or SRS TruSurround XTTM, a Pro Logic
® decoder is mandatory.
2. When using VDD with ST OmniSurround or SRS TruSurround XTTM, a Dolby
® Digital decoder is mandatory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More