Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP3275AE Fiches technique(PDF) 6 Page - Exar Corporation

No de pièce MP3275AE
Description  Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

MP3275AE Fiches technique(HTML) 6 Page - Exar Corporation

Back Button MP3275AE Datasheet HTML 2Page - Exar Corporation MP3275AE Datasheet HTML 3Page - Exar Corporation MP3275AE Datasheet HTML 4Page - Exar Corporation MP3275AE Datasheet HTML 5Page - Exar Corporation MP3275AE Datasheet HTML 6Page - Exar Corporation MP3275AE Datasheet HTML 7Page - Exar Corporation MP3275AE Datasheet HTML 8Page - Exar Corporation MP3275AE Datasheet HTML 9Page - Exar Corporation MP3275AE Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MP3275
6
Rev. 4.00
PRODUCT INFORMATION
Basic Description
The MP3275 is a fault protected data acquisition subsystem
available in monolithic form. This product contains all of the cir-
cuitry necessary to acquire 16 channels of quasi differential or
single-ended analog signals at
10 V input range and 15kHz
bandwidth. Connections to power, the analog input signals and
the digital system are all that is required. The MP3275’s input
circuitry is protected against active input signals present with the
MP3275 power off. This is also the case for any channel exceed-
ing the MP3275 analog input dynamic range without interfering
with the channel being digitized. The channel address and
channel conversion can be managed in two ways: random
channel conversion or same channel conversion. Circuitry on
the chip adds a MUX/instrumentation amp settling delay of 10
µs
max, when a new channel is selected (ADEN = 1). Conversion
start is initiated without delay for the single-channel case (ADEN
= 0). Data is available in serial format.
TIMING
Control and Timing Considerations
The MP3275 can be operated in the stand-alone mode, with
one line for control and everything else hard-wired; or under mi-
croprocessor control, where changes can be made dynamically.
There are 4 control lines: ADEN, WR, CS and RD with their
functions described in
Table 1.
Note 1: If RD = 1, SDO remain high impedance. It is recommended that RD will not change during a conversion in
order to reduce noise. It is further recommended that RD = 1 during conversion to reject any noise present on the
SDO.
Table 1. Logic Truth Table
CS
WR
RD
ADEN
Data
STL
STS
Comments
1
X
X
X
––
0
0
No operation
0
1
0
Hi-Z
0
0
No operation if ADEN = 0
0
1
1
Hi-Z
0
Input MUX channel selected, STL set on WR falling edge
0
0
1
X
Hi-Z
1
0
MUX select disabled
0
1
X
Hi-Z
0
Start convert on WR rising edge
0
1
1
X
Hi-Z
↓↑
Start convert on STL falling edge
0
1
1
X
Hi-Z
0
STS goes low at end of conversion
01
X
––
0
0
SDO enabled
0
X
0
X
ADC
0
0
Data from previous conversion on SDO
0X
X
Hi-Z
0
0
SDO disabled
0
1
X
X
Hi-Z
0
1
SDO/RD disabled while STS high
0
X
0
X
Last ADC
1
0
Data from last conversion on SDO
0
0
0
Hi-Z
0
STL, MUX select disabled with ADEN = 0,
SDO disabled on STS rising edge
0
0
X
ADC
0
New data appears on SDO on falling edge of STS
Read ADC Data
(See Figure 2. and Table 3.)
ADC Channel Select and Start Convert
(See Figure 1. and Table 2.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com