| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC47M14X Fiches technique(PDF) 195 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LPC47M14X Fiches technique(HTML) 195 Page - SMSC Corporation |
|
195 / 205 page ![]() SMSC DS – LPC47M14X Page 195 Rev. 03/19/2001 FIGURE 37 – AMPLITUDE SHIFT KEYED IR RECEIVE TIMING t1 t2 t3 t4 t5 t6 Pa ramet er min typ max units 0.8 0.8 0.8 0.8 1.2 1.2 1.2 1.2 µs µs µs µs µs µs M odu lated Out put Bit Time Off Bit Time M odu lated Outp ut " On" M odu lated Out put " Off" M odu lated Outp ut " On" M odu lated Out put " Off" 1 1 1 1 Note s: 1 . IRRX: L 5, CRF1 Bit 0 = 1 n IRRX: L5 , CRF1 Bit 0 = 0 (de fault) M IRRX, nMI RRX are the mod ulate d ou tputs t1 t2 t3 t4 t5 t6 01 0 1 0 0 1 1 0 1 1 DAT A IRRX n IRRX MIRRX nM IRRX |