Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC47M14X Fiches technique(PDF) 11 Page - SMSC Corporation

No de pièce LPC47M14X
Description  128 PIN ENGANCED SUPER I/O CONTROLLER WITH AN LPC INTERFACE AND USB HUB
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47M14X Fiches technique(HTML) 11 Page - SMSC Corporation

Back Button LPC47M14X Datasheet HTML 7Page - SMSC Corporation LPC47M14X Datasheet HTML 8Page - SMSC Corporation LPC47M14X Datasheet HTML 9Page - SMSC Corporation LPC47M14X Datasheet HTML 10Page - SMSC Corporation LPC47M14X Datasheet HTML 11Page - SMSC Corporation LPC47M14X Datasheet HTML 12Page - SMSC Corporation LPC47M14X Datasheet HTML 13Page - SMSC Corporation LPC47M14X Datasheet HTML 14Page - SMSC Corporation LPC47M14X Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 205 page
background image
SMSC DS – LPC47M14X
Page 11
Rev. 03/19/2001
QFP
PIN #
NAME
TOTAL
SYMBOL
BUFFER
TYPE
BUFFER TYPE
PER FUNCTION
(NOTE 1)
NOTES
12
Head Select
1
nHDSEL
O12
(O12/OD12)
8
Step Direction
1
nDIR
O12
(O12/OD12)
9
Step Pulse
1
nSTEP
O12
(O12/OD12)
4
Disk Change
1
nDSKCHG
IS
IS
5
Drive Select 0
1
nDS0
O12
(O12/OD12)
3
Motor On 0
1
nMTR0
O12
(O12/OD12)
15
Write Protected
1
nWRTPRT
IS
IS
14
Track 0
1
nTRKO
IS
IS
13
Index Pulse Input
1
nINDEX
IS
IS
1
General Purpose I/O/Drive
Density Select 0
1
GP40/
DRVDEN0
IO12
(I/O12/OD12)/
(O12/OD12)
2
General Purpose I/O/Drive
Density Select 1
1
GP41/
DRVDEN1
IO12
(I/O12/OD12)/
(O12/OD12)
SERIAL PORT 1 INTERFACE (8)
84
Receive Serial Data 1
1
RXD1
IS
IS
85
Transmit Serial Data 1
1
TXD1
O12
O12
87
Request to Send 1
1
nRTS1
O8
O8
88
Clear to Send 1
1
nCTS1
I
I
89
Data Terminal Ready 1
1
nDTR1
O6
O6
86
Data Set Ready 1
1
nDSR1
I
I
91
Data Carrier Detect 1
1
nDCD1
I
I
90
Ring Indicator 1
1
nRI1
I
I
SERIAL PORT 2 INTERFACE (8)
95
General Purpose I/O
/Receive Serial Data 2
/Infrared Rx
1
GP52/RXD2
(IRRX)
IS/O8
(IS/O8/OD8)/IS
96
General Purpose I/O
/Transmit Serial Data 2
/Infrared Tx
1
GP53/TXD2
(IRTX)
IO12
(I/O12/OD12)/O12
5
98
General Purpose I/O
/Request to Send 2
1
GP55/nRTS2
IO8
(I/O8/OD8)/O8
99
General Purpose I/O
/Clear to Send 2
1
GP56/nCTS2
IO8
(I/O8/OD8)/I
100
General Purpose I/O
/Data Terminal Ready
1
GP57/nDTR2
IO8
(I/O8/OD8)/O8
97
General Purpose I/O
/Data Set Ready 2
1
GP54/nDSR2
IO8
(I/O8/OD8)/I
94
General Purpose I/O/Data
Carrier Detect 2
1
GP51/nDCD2
IO8
(I/O8/OD8)/I
92
General Purpose I/O/Ring
Indicator 2
1
GP50/nRI2
IO8
(I/O8/OD8)/I
PARALLEL PORT INTERFACE (17)
66
Initiate Output
1
nINIT
OP14
(OD14/OP14)
67
Printer Select Input
1
nSLCTIN
OP14
(OD14/OP14)
68
Port Data 0
1
PD0
IOP14
IOP14
69
Port Data 1
1
PD1
IOP14
IOP14
70
Port Data 2
1
PD2
IOP14
IOP14
71
Port Data 3
1
PD3
IOP14
IOP14
72
Port Data 4
1
PD4
IOP14
IOP14
73
Port Data 5
1
PD5
IOP14
IOP14
74
Port Data 6
1
PD6
IOP14
IOP14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More