Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMD297 Fiches technique(PDF) 3 Page - Custom MMIC Design Services, Inc.

No de pièce CMD297
Description  5-18 GHz Analog Phase Shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MMIC [Custom MMIC Design Services, Inc.]
Site Internet  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD297 Fiches technique(HTML) 3 Page - Custom MMIC Design Services, Inc.

  CMD297 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Typical Performance
Insertion Loss vs. Control Voltage @ 12 GHz
Phase Shift vs. Control Voltage, TA = 25
oC
CMD297
5-18 GHz Analog Phase Shifter
ver 1.0 1218
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
1
2
3
4
5
6
7
8
9
10
Control Voltage/V
-55C
+25C
+85C
0
50
100
150
200
250
300
350
400
450
500
550
600
0
1
2
3
4
5
6
7
8
9
10
Control Voltage/V
7 GHz
12 GHz
18 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com