Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMD297 Fiches technique(PDF) 1 Page - Custom MMIC Design Services, Inc.

No de pièce CMD297
Description  5-18 GHz Analog Phase Shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MMIC [Custom MMIC Design Services, Inc.]
Site Internet  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD297 Fiches technique(HTML) 1 Page - Custom MMIC Design Services, Inc.

  CMD297 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD297 is an analog phase shifter die
which operates from 5 to 18 GHz. The phase
shifter utilizes a single positive control voltage
of 0V to +10V to control relative phase shift
over a 550 degree range at 7 GHz and a 240
degree range at 12 GHz. The CMD297 has
consistent insertion loss versus phase shift and
the phase shift is monotonic with respect to
control voltage. The phase shifter is a 50 ohm
matched design which eliminates the need for
external DC blocks and RF port matching. The
CMD297 offers full passivation for increased
reliability and moisture protection.
► Wide bandwidth
► Wide phase shift range
► Single positive control voltage
► Small die size
Electrical Performance – Vctl = 0 V to +10 V, TA = 25
oC, F = 12 GHz
Features
Description
Functional Block Diagram
ver 1.0 1218
Parameter
Min
Typ
Max
Units
Frequency Range
5 - 18
GHz
Phase Shift Range
240
degrees
Insertion Loss
3
dB
Input Return Loss
10
dB
Output Return Loss
10
dB
Phase Voltage Sensitivity
24
deg / Volt
CMD297
5-18 GHz Analog Phase Shifter
1
2
3
RFIN
RFOUT
Vctrl


Numéro de pièce similaire - CMD297

FabricantNo de pièceFiches techniqueDescription
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
5-18 GHz Analog Phase Shifter
August 23, 2021
logo
Custom MMIC Design Serv...
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297P34 QORVO-CMD297P34 Datasheet
362Kb / 11P
5-18 GHz Analog Phase Shifter
Rev. B, Oct. 25, 2023
CMD297P34-EVB QORVO-CMD297P34-EVB Datasheet
362Kb / 11P
5-18 GHz Analog Phase Shifter
Rev. B, Oct. 25, 2023
More results

Description similaire - CMD297

FabricantNo de pièceFiches techniqueDescription
logo
TriQuint Semiconductor
TGC1439A TRIQUINT-TGC1439A Datasheet
927Kb / 5P
18 - 20 GHz 5-Bit Phase Shifter
TGP1439-EPU TRIQUINT-TGP1439-EPU Datasheet
937Kb / 5P
18 - 20 GHz 5-Bit Phase Shifter
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC247 HITTITE-HMC247_08 Datasheet
250Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC933LP4E HITTITE-HMC933LP4E Datasheet
816Kb / 6P
470째 Analog Phase Shifter, 18 - 24 GHz
HMC932LP4E HITTITE-HMC932LP4E Datasheet
938Kb / 6P
390째 Analog Phase Shifter, 12 - 18 GHz
HMC933LP4E_1103 HITTITE-HMC933LP4E_1103 Datasheet
891Kb / 6P
470째 Analog Phase Shifter, 18 - 24 GHz
logo
Custom MMIC Design Serv...
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
5-18 GHz Analog Phase Shifter
logo
Analog Devices
HMC247 AD-HMC247 Datasheet
330Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
5-18 GHz Analog Phase Shifter
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com