Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CMD297 Fiches technique(PDF) 2 Page - Custom MMIC Design Services, Inc.

No de pièce CMD297
Description  5-18 GHz Analog Phase Shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MMIC [Custom MMIC Design Services, Inc.]
Site Internet  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD297 Fiches technique(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD297 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD297 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Parameter
Min
Typ
Max
Units
Vctl
0
10
V
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vctl = 0 V to +10 V, TA = 25 °C
Specifications
Parameter
Rating
Control Voltage, Vctl
+ 11 V
RF Input Power
+30 dBm
Thermal Resistance, Θ JC
32.2 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Reverse Current
5 mA
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
2 W
ver 1.0 1218
Parameter
Min
Typ
Max
Min
Typ
Max Min
Typ
Max
Units
Frequency Range
5 - 10
10 - 13
13 - 18
GHz
Phase Shift Range
240
500
150
250
70
150
degrees
Insertion Loss
7
17
3.5
8
2.5
7
dB
Input Return Loss
10
10
8
dB
Output Return Loss
10
10
8
dB
Control Voltage Range
0
10
0
10
0
10
Volts
Phase Voltage Sensitivity
57
24
9
deg / Volt
Phase Temperature Sensitivity
0.15
0.1
0.05
deg / °C
CMD297
5-18 GHz Analog Phase Shifter
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com