Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTC50150 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce MTC50150
Description  ADSL GATEWAY PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC50150 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button MTC50150 Datasheet HTML 12Page - STMicroelectronics MTC50150 Datasheet HTML 13Page - STMicroelectronics MTC50150 Datasheet HTML 14Page - STMicroelectronics MTC50150 Datasheet HTML 15Page - STMicroelectronics MTC50150 Datasheet HTML 16Page - STMicroelectronics MTC50150 Datasheet HTML 17Page - STMicroelectronics MTC50150 Datasheet HTML 18Page - STMicroelectronics MTC50150 Datasheet HTML 19Page - STMicroelectronics MTC50150 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
MTC50150
18/20
Figure 5. PBGA208 (17x17x1.97mm) Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.970
0.077
A1
0.270
0.011
A2
1.470
0.058
b
0.450
0.500
0.550
0.018
0.020
0.022
D
16.80
17.00
17.20
0.661
0.669
0.677
D1
15.00
0.590
E
16.80
17.00
17.20
0.661
0.669
0.677
E1
15.00
0.590
e
0.950
1.000
1.050
0.037
0.039
0.041
f
0.875
1.000
1.125
0.034
0,039
0.044
ddd
0.200
0.008
PBGA 208
(17x17x1.97)
7196686 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20