| Moteur de recherche de fiches techniques de composants électroniques |
|
MTC50150 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MTC50150 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 20 page ![]() 11/20 MTC50150 ROM_ADDR18 / TRACEPKT8 E14 O PRT08DGZ Flash PROM Address Bit 18 / ETM9 Trace packet 8 ROM_ADDR17 / TRACEPKT7 G14 O PRT08DGZ Flash PROM Address Bit 17 / ETM9 Trace packet 7 ROM_ADDR16 / TRACEPKT6 G13 O PRT08DGZ Flash PROM Address Bit 16 / ETM9 Trace packet 6 ROM_ADDR15 D13 O PRT08DGZ Flash PROM Address Bit 15 ROM_ADDR14 / FS OUT #14 B12 O / O PRT08DGZ Flash PROM Address Bit 14 Full scan output chain 14 ROM_ADDR13 / FS OUT #13 A12 O / O PRT08DGZ Flash PROM Address Bit 13 Full scan output chain 13 ROM_ADDR12 / FS OUT #12 C12 O / O PRT08DGZ Flash PROM Address Bit 12 Full scan output chain 12 ROM_ADDR11 / FS OUT #11 A11 O / O PRT08DGZ Flash PROM Address Bit 11 Full scan output chain 11 ROM_ADDR10 / FS OUT #10 C11 O / O PRT08DGZ Flash PROM Address Bit 10 Full scan output chain 10 ROM_ADDR9 / FS OUT #9 B10 O / O PRT08DGZ Flash PROM Address Bit 9 Full scan output chain 9 ROM_ADDR8 / FS OUT #8 A10 O / O PRT08DGZ Flash PROM Address Bit 8 Full scan output chain 8 ROM_ADDR7 / FS OUT #7 C10 O / O PRT08DGZ Flash PROM Address Bit 7 Full scan output chain 7 ROM_ADDR6 / FS OUT #6 D10 O / O PRT08DGZ Flash PROM Address Bit 6 Full scan output chain 6 ROM_ADDR5 / FS OUT #5 A9 O / O PRT08DGZ Flash PROM Address Bit 5 Full scan output chain 5 ISA_ADDR4 / ROM_ADDR4 B9 O PRB08DGZ ISA / Flash PROM Address Bit 4 ISA_ADDR3 / ROM_ADDR3 / FS IN # 3 C9 O / O / I PRB08DGZ ISA / Flash PROM Address Bit 3 / Full scan input chain 3 ISA_ADDR2 / ROM_ADDR2 / TESTSEL106M D9 O / O / I PRB08DGZ ISA / Flash PROM Address Bit 2 Test clock select for PLL test mode ISA_ADDR1 / ROM_ADDR1 / TESTSEL70M D8 O / O / I PRB08DGZ ISA / Flash PROM Address Bit 1 Test clock select for PLL test mode ISA_ADDR0 / ROM_ADDR0 / FS IN # 6 C8 O / O / I PRB08DGZ ISA / Flash PROM Address Bit 0 Full scan input chain 6 Table 2. MTC50150 Pin list (continued) Name Pin B Buffer Type Description |