Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTC50150 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce MTC50150
Description  ADSL GATEWAY PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MTC50150 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button MTC50150 Datasheet HTML 3Page - STMicroelectronics MTC50150 Datasheet HTML 4Page - STMicroelectronics MTC50150 Datasheet HTML 5Page - STMicroelectronics MTC50150 Datasheet HTML 6Page - STMicroelectronics MTC50150 Datasheet HTML 7Page - STMicroelectronics MTC50150 Datasheet HTML 8Page - STMicroelectronics MTC50150 Datasheet HTML 9Page - STMicroelectronics MTC50150 Datasheet HTML 10Page - STMicroelectronics MTC50150 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/20
MTC50150
10 APPLICATION EXAMPLE
The example below shows the reference design developed for the evaluation board. It is a complete
ADSL-based data gateway that connects to the ADSL enabled phone jack and provides a connection to
a 10/100bT Ethernet port. It utilizes a set of two ASSP available from ST.
The MTC50150 kit is composed of the following elements: A DynaMiTe™ ADSL modem and AFE
(MTC20174). Additional components are SDRAM and Flash memory and Ethernet PHY. Discrete compo-
nents and connectors are not shown on the block diagram. Larger SDRAM and Flash can be connected
to the MTC50150 to store and execute additional (custom) application.
Figure 4. Application block diagram
Intensive qualification efforts have been spent on this reference design insuring users of the platform max-
imum interoperability and smooth, rapid design-in, hence reducing engineering effort and Total Time to
Market (TTM).
ADSL
AFE
MTC50150
SDRAM
ETHERNET
PHY
MTC20174
WAN
LAN
FLASH
D02TL544MOD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20