Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB4710ADTR Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STUSB4710ADTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710ADTR Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STUSB4710ADTR Datasheet HTML 26Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 27Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 28Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 29Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 30Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 31Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 32Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 33Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Package information
STUSB4710
30/34
DocID030499 Rev 4
Table 19: SO-16 mechanical data
Symbol
Milimeters
Min.
Typ.
Max.
A
1.75
A1
0.10
0.25
A2
1.25
b
0.31
0.51
c
0.17
0.25
D
9.80
9.90
10.00
E
6.00
6.20
E1
3.90
4.00
e
1.27
h
0.50
L
1.27
k
8
ccc
0.10
9.4
Thermal information
Table 20: Thermal information
Package
Symbol
Parameter
Value
Unit
QFN24 EP
RθJA
Junction-to-ambient thermal resistance
37
°C/W
RθJC
Junction-to-case thermal resistance
5
QFN16
RθJA
Junction-to-ambient thermal resistance
78
RθJC
Junction-to-case thermal resistance
30
SO-16
RθJA
Junction-to-ambient thermal resistance
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34