Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB4710ADTR Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STUSB4710ADTR
Description  Autonomous USB PD controller with integrated discharge path
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB4710ADTR Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STUSB4710ADTR Datasheet HTML 24Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 25Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 26Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 27Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 28Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 29Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 30Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 31Page - STMicroelectronics STUSB4710ADTR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Package information
STUSB4710
28/34
DocID030499 Rev 4
Table 18: QFN16 (3x3x0.55) mechanical data
Symbol
Millimetres
Min.
Typ.
Max.
A
0.5
0.65
A1
0
0.05
b
0.18
0.25
0.30
D
Align="center"3.00 BSC
E
3.00 BSC
e
0.50
L
See variations
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
n
16
nD
4
nE
4
L
Option 1
0.30
0.50
Option 2
0.40
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34