Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L4A6XG Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce STM32L4A6XG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 1MB Flash, 320KB SRAM, USB OTG FS, audio, AESHASH, ext. SMPS
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4A6XG Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button STM32L4A6XG Datasheet HTML 69Page - STMicroelectronics STM32L4A6XG Datasheet HTML 70Page - STMicroelectronics STM32L4A6XG Datasheet HTML 71Page - STMicroelectronics STM32L4A6XG Datasheet HTML 72Page - STMicroelectronics STM32L4A6XG Datasheet HTML 73Page - STMicroelectronics STM32L4A6XG Datasheet HTML 74Page - STMicroelectronics STM32L4A6XG Datasheet HTML 75Page - STMicroelectronics STM32L4A6XG Datasheet HTML 76Page - STMicroelectronics STM32L4A6XG Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 282 page
background image
--
---
-
-
-
19
19
-
-
PF7
I/O
FT_a
-
TIM5_CH2,
QUADSPI_BK1_IO2,
SAI1_MCLK_B,
EVENTOUT
ADC3_IN10
--
---
-
-
-
20
20
-
-
PF8
I/O
FT_a
-
TIM5_CH3,
QUADSPI_BK1_IO0,
SAI1_SCK_B,
EVENTOUT
ADC3_IN11
--
---
-
-
-
21
21
-
-
PF9
I/O
FT_a
-
TIM5_CH4,
QUADSPI_BK1_IO1,
SAI1_FS_B,
TIM15_CH1, EVENTOUT
ADC3_IN12
--
---
-
-
-
22
22
H4
H4
PF10
I/O
FT_a
-
QUADSPI_CLK,
DCMI_D11, TIM15_CH2,
EVENTOUT
ADC3_IN13
5
5
F10
F10
12
12
F1
F1
23
23
H1
H1
PH0-OSC_IN
(PH0)
I/O
FT
-
EVENTOUT
OSC_IN
66
G10
F9
13
13
G1
G1
24
24
J1
J1
PH1-
OSC_OUT
(PH1)
I/O
FT
-
EVENTOUT
OSC_OUT
7
7
E8
F8
14
14
H2
H2
25
25
H3
H3
NRST
I/O
RST
-
-
-
88
F9
G10
15
15
H1
H1
26
26
J2
J2
PC0
I/O
FT_fla
-
LPTIM1_IN1, I2C4_SCL,
I2C3_SCL,
DFSDM1_DATIN4,
LPUART1_RX,
LCD_SEG18,
LPTIM2_IN1,
EVENTOUT
ADC123_IN1
Table 15. STM32L4A6xG pin definitions (continued)
Pin Number
Pin name
(function
after reset)
Pin functions
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More