| Moteur de recherche de fiches techniques de composants électroniques |
|
ST33TPHF20I2C Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST33TPHF20I2C Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 47 page ![]() FIPS140-2 SECURITY POLICY Page 43 of 47 NON-PROPRIETARY DOCUMENT 7 MITIGATIONS OF OTHER ATTACKS The security module meets Physical Security protection requirements for FIPS level 2. 7.1 Internal Tamper Detection The security module contains an active metal shield that covers the internal TPM circuitry and memory components. Cutting, removing or modifying the shield layer will cause the TPM to Reset and enter a SHUTDOWN mode. 7.2 Environmental protection The security module contains circuitry which will detect environmental conditions outside the range described in the product datasheet. Power supply voltage is continuously monitored. If conditions exist outside the range determined by the TPM tamper detection circuitry, the chip will reset and will enter a FAILURE mode. The chip will remain Reset and in FAIL mode as long as the environmental condition causing the tamper event persists. |