Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST33TPHF20I2C Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce ST33TPHF20I2C
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20I2C Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button ST33TPHF20I2C Datasheet HTML 31Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 32Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 33Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 34Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 35Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 36Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 37Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 38Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 35 of 47
NON-PROPRIETARY DOCUMENT
TPM2_EC_Ephemeral: ephemeral ECC key generation
TPM2_FieldUpgradeData: transport command for field upgrade. Can be used only if
TPM2_FieldUpgradeStart command has been successfully executed (authorized
command)
TPM2_ContextSave: save objects under an encrypted and integrity protected format
TPM2_ContextLoad: load encrypted and integrity protected objects into TPM
TPM2_FlushContext: flush loaded object/session from TPM volatile memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47