Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST33TPHF20I2C Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce ST33TPHF20I2C
Description  Trusted Platform Module
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF20I2C Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button ST33TPHF20I2C Datasheet HTML 24Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 25Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 26Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 27Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 28Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 29Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 30Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 31Page - STMicroelectronics ST33TPHF20I2C Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
FIPS140-2 SECURITY POLICY
Page 28 of 47
NON-PROPRIETARY DOCUMENT
3.2
Services
Next table lists all services supported by the TPM and indicates for each service, the role that
can use this service and the keys/CSPs that can be accessed.
3.2.1
Services list
Table 18: Command support table
Services
Role
Keys and CSP access
W = write, O = output, Z = zeroize
C = used as key in cryptographic operation
R = read (and not used as C)
Authorized
in limited
approved
mode
Start-up
1
_TPM_Init
NA
W (first boot only) : 2, 3, 4, 6, 7, 8, 10, 11, 12,
14, 15, 16
W : 29, 38, 48
X
2
TPM2_Startup
NA
W : 1, 5, 9, 13, 39
X
3
TPM2_Shutdown
NA
-
X
Testing
4
TPM2_SelfTest
NA
-
X
5
TPM2_IncrementalSelfTest
NA
-
X
6
TPM2_GetTestResult
NA
-
X
Session commands
7
TPM2_StartAuthSession
NA
W : 26, 27, 38, 48
C : 9, 10, 11, 12, 17, 24, 26, 28, 38, 48
8
TPM2_PolicyRestart
NA
-
Objects commands
9
TPM2_Create
U
R : 18
W : 19, 20, 21, 22, 23, 28, 38, 48
C : 17, 19, 20, 21, 22, 27, 28, 38, 48
O : 20, 23
10
TPM2_Load
U
R : 18
W : 17, 18, 20, 21, 22, 23, 28, 38, 48
C : 17, 19, 20, 21, 22, 27, 28, 38, 48
11
TPM2_LoadExternal
NA
W : 17, 18, 20, 21, 22, 23, 28, 38, 48
C : 17, 19, 20, 21, 22, 27, 28, 38, 48
X
12
TPM2_ReadPublic
NA
R : 23
W : 28 C : 28
X
13
TPM2_ActivateCredential
A, U
R : 18, 23, 35
W : 28, 36, 37, 38, 48
C : 27, 28, 35, 36, 37, 38, 48
14
TPM2_MakeCredential
NA
R : 23
W : 28, 35, 36, 37
C : 28, 36, 37
O : 35
15
TPM2_Unseal
U
R : 18, 23
W : 28, 38, 48
C : 27, 28, 38, 48
O : 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47