Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BM83 Fiches technique(PDF) 70 Page - Microchip Technology

No de pièce BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Fiches technique(HTML) 70 Page - Microchip Technology

Back Button BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology BM83 Datasheet HTML 68Page - Microchip Technology BM83 Datasheet HTML 69Page - Microchip Technology BM83 Datasheet HTML 70Page - Microchip Technology BM83 Datasheet HTML 71Page - Microchip Technology BM83 Datasheet HTML 72Page - Microchip Technology BM83 Datasheet HTML 73Page - Microchip Technology BM83 Datasheet HTML 74Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
前項合法通信,指依電信規定作業之無線電信。
低功率射頻電機須忍受合法通信或工業、科學及醫療用 電波輻射性
電機設備之干擾。
12.6.2
Helpful Web Sites
National Communications Commission (NCC): http://www.ncc.gov.tw
12.7
China
The BM83 module has received certification of conformity in accordance with the China MIIT Notice 2014-01 of State
Radio Regulation Committee (SRRC) certification scheme. Integration of this module into a final product does not
require additional radio certification, provided installation instructions are followed and no modifications of the module
are allowed.
12.7.1
Labeling and User Information Requirements
The BM83 module is labeled with its own CMIIT ID as follows:
CMIIT ID: XXXXXXXXXX
When Host system is using an approved Full Modular Approval (FMA) radio: The host must bear a label containing
the statement “This device contains SRRC approved Radio module CMIIT ID: CMIIT ID here”.
12.8
Other Regulatory Information
• For information about other countries' jurisdictions not covered here, refer to http://www.microchip.com/design-
centers/wireless-connectivity/certifications
• Should other regulatory jurisdiction certification be required by the customer, or the customer needs to recertify
the module for other reasons, contact Microchip for the required utilities and documentation
BM83
Appendix A: Regulatory Approval
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74