Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BM83 Fiches technique(PDF) 63 Page - Microchip Technology

No de pièce BM83
Description  BM83 Bluetooth짰 Stereo Audio Module Data Sheet
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM83 Fiches technique(HTML) 63 Page - Microchip Technology

Back Button BM83 Datasheet HTML 59Page - Microchip Technology BM83 Datasheet HTML 60Page - Microchip Technology BM83 Datasheet HTML 61Page - Microchip Technology BM83 Datasheet HTML 62Page - Microchip Technology BM83 Datasheet HTML 63Page - Microchip Technology BM83 Datasheet HTML 64Page - Microchip Technology BM83 Datasheet HTML 65Page - Microchip Technology BM83 Datasheet HTML 66Page - Microchip Technology BM83 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
11.
Ordering Information
The following table provides the BM83 module ordering information.
Table 11-1. BM83 Module Ordering Information
Module
Microchip IC
Description
Regulatory
Certification
Part Number
BM83SM1
IS2083BM-232
Bluetooth 5.0 stereo audio
module, Class 1 with shield
FCC, ISED, CE, MIC,
KCC, NCC, SRRC
BM83SM1-00AA
Note:  The BM83 module can be purchased through a Microchip representative. Visit www.microchip.com for the
current pricing and a list of distributors for the product.
BM83
Ordering Information
© 2019 Microchip Technology Inc.
Preliminary Datasheet
DS70005402A-page 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74