| Moteur de recherche de fiches techniques de composants électroniques |
|
BM83 Fiches technique(PDF) 7 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
BM83 Fiches technique(HTML) 7 Page - Microchip Technology |
|
7 / 74 page ![]() ...........continued Acronyms/Abbreviations Description DLE Data Length Extension DPSK Differential Phase Shift Keying DQPSK Differential Quadrature Phase Shift Keying DR Receive Data DSP Digital Signal Processor DT Transmit Data EDR Enhanced Data Rate EMC Electromagnetic Compatibility EVB Evaluation Board FET Field Effect Transistor GAP General Access Profile GATT General Attribute Profile GFSK Gaussian Frequency Shift Keying GPIO General Purpose Input Output GUI Graphical User Interface HFP Hands-free Profile HPF High Pass Filter HSP Headset Profile HW Hardware I2C/I2C Inter-Integrated Circuit I2S/I2S Inter-IC Sound IC Integrated Circuit ICSP In-Circuit Serial Programming IDE Integrated Development Environment IF Intermediate Frequency IPE Integrated Programming Environment JTAG Joint Test Action Group LDO Low-Dropout LED Light Emitting Diode LNA Low-Noise Amplifier LPA Linear Power Amplifier LSB Least Significant Bit MAC Medium Access Control MB DRC Multiband Dynamic Range Compression MCLK Master Clock MCU Microcontroller MEMS Micro-Electro-Mechanical Systems MFB Multi-function Button Modem Modulator-demodulator MPA Medium Power Amplifier BM83 Quick References © 2019 Microchip Technology Inc. Preliminary Datasheet DS70005402A-page 7 |