Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATS643LSH Fiches technique(PDF) 8 Page - Allegro MicroSystems

No de pièce ATS643LSH
Description  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSH Fiches technique(HTML) 8 Page - Allegro MicroSystems

Back Button ATS643LSH Datasheet HTML 4Page - Allegro MicroSystems ATS643LSH Datasheet HTML 5Page - Allegro MicroSystems ATS643LSH Datasheet HTML 6Page - Allegro MicroSystems ATS643LSH Datasheet HTML 7Page - Allegro MicroSystems ATS643LSH Datasheet HTML 8Page - Allegro MicroSystems ATS643LSH Datasheet HTML 9Page - Allegro MicroSystems ATS643LSH Datasheet HTML 10Page - Allegro MicroSystems ATS643LSH Datasheet HTML 11Page - Allegro MicroSystems ATS643LSH Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ATS643-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating, Zero-Speed Differential GTS with Continuous Update
ATS643LSH
THERMAL CHARACTERISTICS may require derating at maximum conditions, see application information
Characteristic
Symbol
Test Conditions
Min. Typ.
Max Units
Package Thermal Resistance
RθJA
Minimum-K PCB (single-sided with copper limited to
solder pads)
126
–
–
ºC/W
Low-K PCB (single-sided with copper limited to solder
pads and 3.57 in.2 (23.03 cm2) of copper area)
84
–
–
ºC/W
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
TJ(max) = 165ºC; ICC =ICC(max)
Power Derating Curve
(RθJA = 126 ºC/W)
Minimum-K PCB
(RθJA = 84 ºC/W)
Low-K PCB
VCC(min)
VCC(max)
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
TJ(max) = 165ºC; VCC =VCC(max);ICC =ICC(max)
Maximum Power Dissipation, PD(max)
(R
θJA =1
26 ºC/W)
Minimum-K
PCB
(R
θJA =
84
ºC/W)
Low-K
PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16