Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATS643LSH Fiches technique(PDF) 6 Page - Allegro MicroSystems

No de pièce ATS643LSH
Description  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSH Fiches technique(HTML) 6 Page - Allegro MicroSystems

Back Button ATS643LSH Datasheet HTML 2Page - Allegro MicroSystems ATS643LSH Datasheet HTML 3Page - Allegro MicroSystems ATS643LSH Datasheet HTML 4Page - Allegro MicroSystems ATS643LSH Datasheet HTML 5Page - Allegro MicroSystems ATS643LSH Datasheet HTML 6Page - Allegro MicroSystems ATS643LSH Datasheet HTML 7Page - Allegro MicroSystems ATS643LSH Datasheet HTML 8Page - Allegro MicroSystems ATS643LSH Datasheet HTML 9Page - Allegro MicroSystems ATS643LSH Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
ATS643-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating, Zero-Speed Differential GTS with Continuous Update
ATS643LSH
Characteristic Data
Data taken from 3 lots, 30 pieces/lot; I1 trim
Reference Target 60-0
Duty Cycle at 1000 RPM
40
45
50
55
60
–50
0
50
100
150
200
TA (°C)
Duty Cycle at 1000 RPM
40
45
50
55
60
00.5
11.5
22.5
33.5
AG (mm)
-40
0
25
85
150
Duty Cycle (25°C)
40
45
50
55
60
0
500
1000
1500
2000
2500
RPM
TA (ºC)
3.0
2.75
2.5
2.25
2.0
1.5
1.0
0.5
AG (mm)
3.0
2.75
2.5
2.25
2.0
1.5
1.0
0.5
AG (mm)
Continued on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16