Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATS643LSH Fiches technique(PDF) 5 Page - Allegro MicroSystems

No de pièce ATS643LSH
Description  Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS643LSH Fiches technique(HTML) 5 Page - Allegro MicroSystems

  ATS643LSH Datasheet HTML 1Page - Allegro MicroSystems ATS643LSH Datasheet HTML 2Page - Allegro MicroSystems ATS643LSH Datasheet HTML 3Page - Allegro MicroSystems ATS643LSH Datasheet HTML 4Page - Allegro MicroSystems ATS643LSH Datasheet HTML 5Page - Allegro MicroSystems ATS643LSH Datasheet HTML 6Page - Allegro MicroSystems ATS643LSH Datasheet HTML 7Page - Allegro MicroSystems ATS643LSH Datasheet HTML 8Page - Allegro MicroSystems ATS643LSH Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
ATS643-DS, Rev. 1
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating, Zero-Speed Differential GTS with Continuous Update
ATS643LSH
Reference Gear Magnetic Profile
Two Tooth-to-Valley Transitions
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
0123456789
10
11
12
Gear Rotation (°)
0.50 mm AG
2.00 mm AG
0.50
0.75
1.00
1.25
1.50
1.75
2.00
AG (mm)
Reference Gear Magnetic Gradient Amplitude
with Reference to Air Gap
0
200
400
600
800
1000
1200
1400
1600
1800
AG (mm)
0.5
1
1.5
2
2.5
REFERENCE TARGET, 60-0 (60 Tooth Target)
Characteristics
Symbol
Test Conditions
Typ.
Units
Symbol Key
Outside Diameter
Do
Outside diameter of target
120
mm
Face Width
F
Breadth of tooth, with respect
to sensor
6mm
Circular Tooth Length
t
Length of tooth, with respect
to sensor; measured at Do
3mm
Circular Valley Length
tv
Length of valley, with respect
to sensor; measured at Do
3mm
Tooth Whole Depth
ht
3mm
Material
Low Carbon Steel
–
–
*Differential B corresponds to the calculated difference in the magnetic field as
sensed simultaneously at the two Hall elements in the device (BDIFF = BE1 – BE2).
Reference Target
60-0
of Sensor
Branded Face



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16